Part Number Hot Search : 
550SMSS 74HC404 BZT5264B 30EH680 TAP1500 MB5005 STZ8043A EVD50
Product Description
Full Text Search
 

To Download ADS-51V-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADS-51V-1000
31 dB DIGITAL ATTENUATOR
50 to 1500 MHz / 0 to 31 dB Attenuation / Monotonic / 5-Bit Direct TTL Drive / +5V Supply
V Package Outline - 24 pin Dual In Line
TRUTH TABLE Attenuation Setting, dB Reference 1 2 4 8 16 Control Input ``6" ''7" ``8" ''9" ``5" 0 1 0 0 0 0 0 0 1 0 0 0 0 0 0 1 0 0 0 0 0 0 1 0 0 0 0 0 0 1
GENERAL SPECIFICATIONS
50 - 1500 MHz 0 - 31 dB 1 dB 0.5 dB/bit max. 1.0 dB max. Attenuation Accuracy: 0.5 dB at fo Insertion Loss: 5 dB max. Phase Variation: 10 typ. at fo VSWR: 1.7:1 max. Impedance: 50 nom. Switching Delay Time: 2 s typ.
(50% control transition to 10/90% RF)
Frequency Range: Attenuation Range: Minimum Step Size: Attenuation Flatness:
``1" = Logic High TTL ``0" = Logic Low TTL
Switching Transients: Bias Requirement:
20 mV typ. +5 VDC
@ 100 mA nom.
(50% control transition to 10/90% RF)
Input Intercept Point: +32 dBm typ. Power Input 0.25 W max. Weight, nominal: 0.4 oz (11 g) Operating Temperature:-- 55 to +85C
NOTES:
1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over millimeters. 3. Lead dimensions apply only at body. 4. All unmarked terminals are ground. 30Apr96
General Notes: 1. The ADS-51V-1000 is a 50 to 1,500 MHz constant impedance 5-bit digital attenuator designed to be driven directly from TTL logic. PIN diode switched attenuator pads are activated by Advanced FactTM C-MOS, TTL compatible logic drivers, allowing high speed operation without need of a negative supply. Careful design of thick film resistive pads and detailed selection of suitable PIN diodes provide a wide bandwidth with minimal phase shift. 2. Screened versions with extended reliability components are available for applications requiring the highest reliability.
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of ADS-51V-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X